unit : inch (mm) ? by229200 thru by229800 ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 pb free plating product by229200 thru by229800 pb 8.0 ampere heatsink glass passivated ultra fast recovery rectifiers to-220ac features low forward voltage drop fast switching for high efficiency high current capability case:to-220ac heatsink package high surge current capability weight: 2.03 grams approximately polarity: as marked on diodes body method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current epoxy: ul 94v-0 rate flame retardant application switching mode power supply inverter/converter tv receiver,monitor/set top box note: (1) pulse test: 300 s pulse width, 1 % duty cycle electrical characteristics (t c = 25 c unless otherwise noted) maximum instantaneous forward voltage (1) f maximum dc reverse current at rated dc blocking voltage t j = 25 c t j = 125 c i r 10 250 a maximum reverse recovery time i f = 1.0 a, v r = 30 v, di/dt = 50 a/s, i rr = 10 % i rm t rr maximum recovered stored charge i f = 2.0 a, v r = 30 v, di/dt = 20 a/s q rr 700 nc thermal characteristics (t c = 25 c unless otherwise noted) typical thermal resistance from junction to case r jc 2.0 4.8 2.0 c/w typical thermal resistance from junction to air r ja 20 - 20 c/w maximum ratings (t c = 25 c unless otherwise noted) maximum recurrent peak reverse voltage v rrm 200 400 600 800 v maximum rms voltage v rms 140 280 420 560 v maximum dc blocking voltage v dc 200 400 600 800 v maximum average forward rectified current at t c = 100 c i f(av) 8.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 100 a maximum slope of reverse recovery current i f = 2.0 a, v r = 30 v, di/dt = 20 s di/dt 60 a/ s operating junction and storage temperature range t j , t stg - 40 to + 150 c isolation voltage (ito-220ac only) from terminal to heatsink t = 1 min v ac 1500 v BY229-200 by229-400 by229600 by229-800 unit parameter symbol by229200 by229400 by229600 by229800 parameter test conditions symbol BY229-200 by229-400 by229-600 by229-800 unit by229200 by229400 by229600 by229800 parameter symbol by229x by229b unit by229 series series series by229 series with to-220ac(heatsink) pkg by229 series with ito-220ac(insulated) pkg by229b series with to-263ab(d2pa) pkg 50 ns 35 1.8 v 1.7 1.3 8.0 a v 0.98 free datasheet http:///
ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. forward current derating curve figure 2. maximum non-repetitive peak forward surge current figure 3. typical instantaneous forward characteristics 0 4 12 0 75 25 50 100 125 150 8 2 6 10 a v erage for w ard re ctified c u rrent (a) case am b ient temperat u re (c) resisti v e or ind u cti v e load 0 75 100 125 50 25 150 1 100 10 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) t l = 75 c 8 .3 ms single half sine- w a v e 100 10 1 0.1 0.4 0.6 1.4 1.6 1. 8 2.0 0. 8 1.0 1.2 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 100 c t j = 150 c t j = 125 c t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle figure 4. typical reverse leakage characteristics figure 5. typical junction capacitance 0.1 1 10 100 0.01 20 0 100 40 60 8 0 1000 t j = 100 c t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse leakage c u rrent ( a) 1 100 100 10 10 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 ? by229200 thru by229800 free datasheet http:///
|